PART |
Description |
Maker |
EC9208 EC9208NNB3R |
High Efficiency 1MHz, 2A, Step up Regulator
|
E-CMOS Corporation
|
AN-SY8009 ANSY8009 SY8009AAAC SY8009BABC SY8009BEB |
High Efficiency 1.5MHz/1MHz, 1.5A/2A Synchronous Step Down Regulator
|
Silergy Corp.
|
APW7207A APW720712 |
1MHz, High-Efficiency, Step-Up Converter for White LEDs
|
Anpec Electronics Coropration
|
APW7208 APW7208CTI-TRG |
1MHz, High-Efficiency, Step-Up Converter for 2 to 6 White LEDs
|
Anpec Electronics Coropration
|
APW7207 APW7207CTI-TRG |
1MHz, High-Efficiency, Step-Up Converter for 2 to 6 White LEDs
|
Anpec Electronics Coropration
|
APW7137 APW7137BI-TRG APW7137BI-TRL |
1MHz, High Efficiency, Step-Up Converter with Internal FET Switch
|
Anpec Electronics Coropration
|
LTC1911-1.8 LTC1911-1.5 LTC1911EMS8-1.5PBF LTC1911 |
Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C SWITCHED CAPACITOR REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO8 250mA Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
MC33167TVG MC33167D2TR4G |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 8 A SWITCHING REGULATOR, 81 kHz SWITCHING FREQ-MAX, PSSO5
|
ON Semiconductor
|
FAN5307SX FAN5307 FAN5307MP15X FAN5307MP18X FAN530 |
High-efficiency step-down DC/DC converter 0.7 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PDSO5 High-Efficiency Step-Down DC-DC Converter
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MAX1626 MAX1626ESA MAX1626-MAX1627 MAX1627 MAX1627 |
5V/3.3V or Adjustable / 100% Duty-Cycle / High-Efficiency / Step-Down DC-DC Controllers 5V/3.3V or Adjustable 100% Duty-Cycle High-Efficiency Step-Down DC-DC Controllers 5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers 0.05 A SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO8
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MIC22705 MIC22705YML |
1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
|
Micrel Semiconductor
|